PART |
Description |
Maker |
9001-100-1010 9001-100-1025 51-353-003 51-353-076 |
1 FUNCTIONS, 100 V, 0.5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 4 A, DATA LINE FILTER 1 FUNCTIONS, 300 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 3 A, DATA LINE FILTER Hermetically Sealed Threaded Case Filters Hermetically Sealed Threaded Case Filters
|
SPECTRUM CONTROL INC Spectrum Microwave, Inc. Spectrum Microwave, Inc...
|
XS1LES050Y WR2XEB050H XS1LEB104Z XS1LES104H XS1LEB |
1 FUNCTIONS, 200 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 500 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 2.5 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 500 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 2.5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 15 A, DATA LINE FILTER
|
AVX, Corp. AVX CORP
|
PM1206CM-601-RC PM0805CM-121-RC |
Pwr Choke, Shielded 2 FUNCTIONS, 50 V, 0.26 A, DATA LINE FILTER Common Mode Chip Inductor 2 FUNCTIONS, 50 V, 0.4 A, DATA LINE FILTER
|
Bourns, Inc. BOURNS INC
|
ICM1206RK601M ICM-1206 ICM1206RK222M ICM1206RK900M |
2 FUNCTIONS, 50 V, 0.37 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 0.2 A, DATA LINE FILTER Surface Mount Common Mode Choke
|
VISHAY DALE Vishay Siliconix http://
|
4120R-601-250/101 4420P-601-470/101 4120R-601-250/ |
RNET - THK FILM MOLD DIP 10 FUNCTIONS, 25 V, DATA LINE FILTER RNET-RC NETS, T-FILTERS 10 FUNCTIONS, 25 V, DATA LINE FILTER RC Networks T-Filters
|
TE Connectivity, Ltd. Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
SXD2AGS182 SYD2AGS222 SD2AGS564 SZD2AGS822 SD2AGB5 |
1 FUNCTIONS, 100 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 25 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 25 A, DATA LINE FILTER
|
AVX, Corp. Vishay Intertechnology, Inc. AVX CORP
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
4118R-601-250/500L 4118R-601-250/101 4118R-601-250 |
7 FUNCTIONS, 25 V, DATA LINE FILTER ROHS COMPLIANT, DIP-18 7 FUNCTIONS, 25 V, DATA LINE FILTER DIP-18
|
Bourns, Inc.
|
DLW21HN900SQ2L |
CHOKE,90 OHM 330MA,0805,2 LINE 2 FUNCTIONS, 50 V, 0.33 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
|